Part Number Hot Search : 
5A222G B11NM60 0DJCA AH9281 TE4936 DSPIC33 F60B150 AD8212
Product Description
Full Text Search
 

To Download B44066R6466E230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors - Power Factor Correction
Key components
Series/Type: Power factor controller series BR6000-T6R6, V5.0 Ordering code: B44066R6**6E230 Date: Version: November 2009 1
Content of inside pages of data sheet. Data will be automatically entered into frontpage headlines, headers and footers. Please fill in the table and then change the colour to "White". This ensures that the table disappears for the customer pdf.
Identification/Classification 1: (header 1) Identification/Classification 2: (header 2) Ordering code: Series/Type: Preliminary data (optional): (if necessary) Department: Date: Film Capacitors - Power Factor Correction Key components B44066R6**6E230 Power factor controller series BR6000-T6R6, V5.0 Preliminary data FK PC PM PFC November 2009
EPCOS AG 2009. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Film Capacitors - Power Factor Correction B44066R6**6E230 Key components Power factor controller series BR6000-T6R6, V5.0
Preliminary data Characteristics 6 transistor outputs for direct triggering of thyristor modules TSM series for dynamic compensation 6 relay outputs for direct triggering of capacitor contactors for conventional compensation Intelligent behavior that logically combines both types of control of the output steps Menu driven handling (plain language) Dutch/English/French/German/Polish/Portuguese/ Russian/Czech/Spanish Self-optimizing control capability Large measuring voltage range Recall function of recorded values (Vmax, kvar, kW, kVA, C) Four-quadrant operation (e.g. standby generator) Powerful alarm output Control series editor (value perception selectable) 2nd target power factor Interface RS485 optional Features
Display Large and multifunctional LCD (2 x 16 characters) - Graphic and alphanumeric - LCD illumination - System voltage (V AC) - Reactive power (kvar) - Active power (kW) - Frequency - Apparent power (kVA) - Apparent current (A) - Temperature (C / F ) - Real-time cos - Target cos - kvar value to target cos - Display of values also as percentage - Insufficient compensation - Overcompensation - Undercurrent - Overcurrent - Overtemperature - Threshold value programmable - Maximum voltage, Vmax - Maximum reactive power, Q (kvar) - Maximum active power, P (kW) - Maximum apparent power, S (kVA) - Maximum temperature, (C) - Internal error storage nd - 2 signal relay random - Triggering time programmable
-
System parameters displayed
Alarm output
Recall recorded values
Additional Features
FK PC PM PFC Please read Important notes at the end of this document. Page 2 of 6
November 2009
Film Capacitors - Power Factor Correction B44066R6**6E230 Key components Power factor controller series BR6000-T6R6, V5.0
Preliminary data Technical data
Weight Case Ambient conditions Overvoltage class Pollution degree Operating temperature Storage temperature Sensitivity to inference (industrial areas) Spurious radiation (residential areas) Safety guidelines Mounting position Humidity class Protection class Front plate Rear side Operation Supply voltage Target cos Switching and discharge time range Number of control series Control modes 110 ... 230 V AC, 50 and 60 Hz power lines 0.3 inductive to 0.3 capacitive adjustable 20 ... 1000 ms / 1 ... 1200 s (dynamic / static section) 20 series preset + control series editor for free programming - Series switching (LIFO), - Circular switching (FIFO), - Self-optimized intelligent control mode Measurement Measurement voltage range Fundamental frequency Measurement current (CT) Minimum operating current Maximum current Zero voltage release 30 ... 525 V AC (L-N) or (L-L) 50 and 60 Hz x/5 and x/1 Ampere possible 40 mA / 10 mA 5.3 A (sinusoidal) < 15 ms IP54 to IEC60529 IP20 to IEC60529 II 2 -20 ... 60 C -20 ... 75 C EN55082-2.1995 EN55011-10.1997 IEC61010-1:2001, EN61010-1:2001 Any 15 ... 95% without dew 1 kg Panel-mounted instrument, 144 x 144 x 55 mm (cut out 138 x 138 mm)
FK PC PM PFC Please read Important notes at the end of this document. Page 3 of 6
November 2009
Film Capacitors - Power Factor Correction B44066R6**6E230 Key components Power factor controller series BR6000-T6R6, V5.0
Preliminary data
Switching outputs Output 1... 6: transistor Output 7...12: relay Alarm relay Message relay 6 steps (10 ... 24 V DC, 40 mA 6 steps (230 V AC, 6 A) Potential-free contact (max. 250 V, 6 A) Potential-free contact (max. 250 V, 6 A) 2nd target power factor programmable (activation via external input) Interface Optional RS485
Ordering codes
Type Voltage 50/60 Hz V AC 110 ... 230 Output Relay 6 6 Transistor 6 6 Yes Yes Alarm output Switchover Intertarget face cos 1/2 Yes Yes No Ordering code
BR6000-T6R6
B44066R6066E230
BR6000-T6R6/S485 110 ... 230
RS485 B44066R6466E230
FK PC PM PFC Please read Important notes at the end of this document. Page 4 of 6
November 2009
Film Capacitors - Power Factor Correction B44066R6**6E230 Key components Power factor controller series BR6000-T6R6, V5.0
Preliminary data
Connection plan
FK PC PM PFC Please read Important notes at the end of this document. Page 5 of 6
November 2009
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DSSP, MiniBlue, MiniCell, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
FK PC PM PFC Page 6 of 6
November 2009


▲Up To Search▲   

 
Price & Availability of B44066R6466E230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X